Part Number Hot Search : 
SY88973 MAH36024 CP243 FM24C08U AOT9N70 NCP1377P 10004 7WZ07
Product Description
Full Text Search
 

To Download 2SC4809 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC4809
Silicon NPN epitaxial planer type
For high-frequency amplification/oscillation/mixing
Unit: mm
1.60.15
s Features
q q
0.4
0.80.1
0.4
0.2-0.05 0.15-0.05
+0.1
q
High transition frequency fT. Small collector output capacitance Cob and common base reverse transfer capacitance Crb. SS-Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing.
1.60.1
1.00.1
0.5
1
0.5
3
2
0.450.1 0.3
0.750.15
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg
(Ta=25C)
Ratings 15 10 3 50 125 125 -55 ~ +125 Unit V V V mA mW C C
1:Base 2:Emitter 3:Collector
EIAJ:SC-75 SS-Mini Type Package
Marking symbol : 1S
s Electrical Characteristics
Parameter Collector cutoff current Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance Base time constant Common emitter reverse transfer capacitance hFE ratio
(Ta=25C)
Symbol ICBO VCEO VEBO hFE* VCE(sat) fT Cob rbb' * CC Crb Conditions VCB = 10V, IE = 0 IC = 2mA, IB = 0 IE = 10A, IC = 0 VCE = 4V, IC = 5mA IC = 20mA, IB = 4mA VCB = 4V, IE = -5mA, f = 200MHz VCB = 4V, IE = 0, f = 1MHz VCB = 4V, IE = -5mA, f = 31.9MHz VCB = 4V, IE = 0, f = 1MHz VCE = 4V, IC = 100A VCE = 4V, IC = 5mA 0.75 1.4 1.9 1.4 11 0.45 1.6 10 3 75 400 0.5 2.7 V GHz pF PS pF min typ max 1 Unit A V V
*h
FE
Rank classification
Rank hFE Marking Symbol P 75 ~ 130 1SP Q 110 ~ 220 1SQ R 200 ~ 400 1SR
0 to 0.1
0.20.1
+0.1
1
Transistor
PC -- Ta
150 80 Ta=25C 70 125 50
2SC4809
IC -- VCE
60 25C VCE=4V
IC -- VBE
Collector power dissipation PC (mW)
Collector current IC (mA)
60 50 40 30 200A 20 100A 10
100
Collector current IC (mA)
Ta=75C 40
-25C
IB=500A 400A 300A
75
30
50
20
25
10
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0 0 0.4 0.8 1.2 1.6 2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 0.3 0.1 0.03 0.01 0.1 25C -25C Ta=75C IC/IB=10 360
hFE -- IC
4.0 VCE=4V
fT -- I E
VCB=4V Ta=25C
Forward current transfer ratio hFE
300 Ta=75C 240
Transition frequency fT (GHz)
10 30 100
3.5 3.0 2.5 2.0 1.5 1.0 0.5
180
25C
120
-25C
60
0.3
1
3
10
30
100
0 0.1
0.3
1
3
0 - 0.1 - 0.3
-1
-3
-10
-30
-100
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob -- VCB
1.6
Collector output capacitance Cob (pF)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 1 3 10
IE=0 f=1MHz Ta=25C
30
100
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SC4809

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X